Part Number Hot Search : 
2412SE C74VH PM439 20121 TFH167A AT89C5 287RF MOC3083
Product Description
Full Text Search
 

To Download IRFL024NPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 95339
IRFL024NPBF
l l l l l l l
Surface Mount Advanced Process Technology Ultra Low On-Resistance Dynamic dv/dt Rating Fast Switching Fully Avalanche Rated Lead-Free
HEXFET(R) Power MOSFET
D
VDSS = 55V RDS(on) = 0.075
G S
ID = 2.8A
Description
Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications. The SOT-223 package is designed for surface-mount using vapor phase, infra red, or wave soldering techniques. Its unique package design allows for easy automatic pickand-place as with other SOT or SOIC packages but has the added advantage of improved thermal performance due to an enlarged tab for heatsinking. Power dissipation of 1.0W is possible in a typical surface mount application.
SOT-223
Absolute Maximum Ratings
Parameter
ID @ TA = 25C ID @ TA = 25C ID @ TA = 70C IDM PD @TA = 25C PD @TA = 25C VGS EAS IAR EAR dv/dt TJ, TSTG Continuous Drain Current, VGS @ 10V** Continuous Drain Current, VGS @ 10V* Continuous Drain Current, VGS @ 10V* Pulsed Drain Current Power Dissipation (PCB Mount)** Power Dissipation (PCB Mount)* Linear Derating Factor (PCB Mount)* Gate-to-Source Voltage Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy* Peak Diode Recovery dv/dt Junction and Storage Temperature Range
Max.
4.0 2.8 2.3 11.2 2.1 1.0 8.3 20 214 2.8 0.1 5.0 -55 to + 150
Units
A
W W
mW/C
V mJ A mJ V/ns C
Thermal Resistance
Parameter
RJA RJA Junction-to-Amb. (PCB Mount, steady state)* Junction-to-Amb. (PCB Mount, steady state)**
Typ.
90 50
Max.
120 60
Units
C/W
* When mounted on FR-4 board using minimum recommended footprint. ** When mounted on 1 inch square copper board, for comparison with other SMD devices.
www.irf.com
1
05/28/04
IRFL024NPBF
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)DSS
V(BR)DSS/TJ
RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
Min. 55 --- --- 2.0 3.0 --- --- --- --- --- --- --- --- --- --- --- --- --- ---
Typ. --- 0.056 --- --- --- --- --- --- --- --- --- --- 8.1 13.4 22.2 17.7 400 145 60
Max. Units Conditions --- V VGS = 0V, ID = 250A --- V/C Reference to 25C, ID = 1mA 0.075 VGS = 10V, I D = 2.8A 4.0 V VDS = VGS, ID = 250A --- S VDS = 25V, ID = 1.68A 25 VDS = 55V, VGS = 0V A 250 VDS = 44V, VGS = 0V, TJ = 125C 100 VGS = 20V nA -100 VGS = -20V 18.3 ID = 1.68A 3.0 nC VDS = 44V 7.7 VGS = 10V, See Fig. 6 and 9 --- VDD = 28V --- ID = 1.68A ns --- RG = 24 --- RD = 17, See Fig. 10 --- VGS = 0V --- pF VDS = 25V --- = 1.0MHz, See Fig. 5
Source-Drain Ratings and Characteristics
IS
ISM
VSD trr Qrr ton
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse RecoveryCharge Forward Turn-On Time
Min. Typ. Max. Units
Conditions MOSFET symbol 2.8 showing the A integral reverse 11.2 p-n junction diode. --- --- 1.0 V TJ = 25C, IS =1.68A, VGS = 0V --- 35 53 ns TJ = 25C, IF = 1.68A --- 50 75 nC di/dt = 100A/s Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Notes:
Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ISD 1.68A, di/dt 155A/s, VDD V(BR)DSS,
TJ 150C
Starting TJ = 25C, L = 54.7 mH
RG = 25, IAS = 2.8A. (See Figure 12)
Pulse width 300s; duty cycle 2%.
2
www.irf.com
IRFL024NPBF
100
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
100
I D , Drain-to-Source Current (A)
I D , Drain-to-Source Current (A)
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
10
10
4.5V
1
4.5V
1
0.1 0.1
20s PULSE WIDTH TJ = 25 C
1 10 100
0.1 0.1
20s PULSE WIDTH TJ = 150 C
1 10 100
VDS , Drain-to-Source Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics,
Fig 2. Typical Output Characteristics,
100
2.0
RDS(on) , Drain-to-Source On Resistance (Normalized)
ID = 2.8A
I D , Drain-to-Source Current (A)
1.5
10
1.0
TJ = 150 C
0.5
TJ = 25 C
1 4.5 V DS = 25V 20s PULSE WIDTH 5.0 5.5 6.0 6.5
0.0 -60 -40 -20
VGS = 10V
0 20 40 60 80 100 120 140 160
VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRFL024NPBF
700 600
C, Capacitance (pF)
500 400 300 200 100 0 1
Ciss Coss
VGS , Gate-to-Source Voltage (V)
VGS = 0V, f = 1MHz Ciss = Cgs + Cgd , Cds SHORTED Crss = Cgd Coss = Cds + Cgd
20
ID = 1.68 A VDS = 44V VDS = 27V
15
10
Crss
5
0
FOR TEST CIRCUIT SEE FIGURE 13
0 5 10 15 20
10
100
VDS , Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
100
100
ISD , Reverse Drain Current (A)
OPERATION IN THIS AREA LIMITED BY RDS(on)
10
ID , Drain Current (A)
10
100us
1ms
1
1
10ms
TJ = 150 C TJ = 25 C
0.1 0.2
V GS = 0 V
0.4 0.6 0.8 1.0 1.2
0.1 0.1
TC = 25 C TJ = 150 C Single Pulse
1 10 100 1000
VSD ,Source-to-Drain Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRFL024NPBF
QG
V DS VGS RG 10V
RD
10V
QGS VG QGD
D.U.T.
+
- VDD
Charge
Pulse Width 1 s Duty Factor 0.1 %
Fig 9a. Basic Gate Charge Waveform
Current Regulator Same Type as D.U.T.
Fig 10a. Switching Time Test Circuit
VDS
50K 12V .2F .3F
90%
D.U.T. VGS
3mA
+ V - DS
10% VGS
td(on)
IG ID
tr
t d(off)
tf
Current Sampling Resistors
Fig 9b. Gate Charge Test Circuit
1000
Fig 10b. Switching Time Waveforms
Thermal Response (Z thJC )
100 D = 0.50 0.20 0.10 10 0.05 0.02 0.01 1 SINGLE PULSE (THERMAL RESPONSE) Notes: 1. Duty factor D = t 1 / t 2 2. Peak TJ = P DM x Z thJC + TC 0.1 1 10 100 1000 P DM t1 t2
0.1 0.0001
0.001
0.01
t1, Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
www.irf.com
5
IRFL024NPBF
500
EAS , Single Pulse Avalanche Energy (mJ)
TOP
400
15V
BOTTOM
ID 1.3A 2.2A 2.8A
VDS
L
DRIVER
300
RG
10V
D.U.T
IAS tp
+ V - DD
200
A
0.01
100
Fig 12a. Unclamped Inductive Test Circuit
0 25 50 75 100 125 150
Starting TJ , Junction Temperature ( C)
V(BR)DSS tp
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
I AS
Fig 12b. Unclamped Inductive Waveforms
6
www.irf.com
IRFL024NPBF
SOT-223 (TO-261AA) Package Outline
Dimensions are shown in milimeters (inches)
SOT-223 (TO-261AA) Part Marking Information
HEXFE T PRODUCT MARKING
T HIS IS AN IRF L014
PART NUMB ER INT E RNAT IONAL RE CT IF IER LOGO
LOT CODE AXXXX
F L014 314P
A = AS S E MB LY S IT E DAT E CODE CODE (YYWW) YY = YEAR WW = WE EK P = DE S IGNAT E S LEAD-FREE PRODUCT (OPT IONAL)
T OP
BOT T OM
www.irf.com
7
IRFL024NPBF
SOT-223 (TO-261AA) Tape & Reel Information
Dimensions are shown in milimeters (inches)
4.10 (.161) 3.90 (.154) 1.85 (.072) 1.65 (.065) 0.35 (.013) 0.25 (.010)
TR
2.05 (.080) 1.95 (.077)
7.55 (.297) 7.45 (.294)
7.60 (.299) 7.40 (.292) 1.60 (.062) 1.50 (.059) TYP. FEED DIRECTION 12.10 (.475) 11.90 (.469) 7.10 (.279) 6.90 (.272)
16.30 (.641) 15.70 (.619)
2.30 (.090) 2.10 (.083)
NOTES : 1. CONTROLLING DIMENSION: MILLIMETER. 2. OUTLINE CONFORMS TO EIA-481 & EIA-541. 3. EACH O330.00 (13.00) REEL CONTAINS 2,500 DEVICES.
13.20 (.519) 12.80 (.504) 15.40 (.607) 11.90 (.469) 4
330.00 (13.000) MAX.
50.00 (1.969) MIN.
NOTES : 1. OUTLINE COMFORMS TO EIA-418-1. 2. CONTROLLING DIMENSION: MILLIMETER.. 3. DIMENSION MEASURED @ HUB. 4. INCLUDES FLANGE DISTORTION @ OUTER EDGE.
18.40 (.724) MAX. 14.40 (.566) 12.40 (.488)
4
3
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. 05/04
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRFL024NPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X